Part Number Hot Search : 
TA200616 EE07988 MBR16 59AMN BA7725S B250010 SMBJ51 1N5371B
Product Description
Full Text Search
 

To Download BAT54A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sot23 silicon epitaxial schottky barrier diodes issue 1? september 1995 j features : low v f & high current capability applications : psu, mobile telecomms & scsi absolute maximum ratings. parameter symbol value unit continuous reverse voltage v r 30 v forward current i f 200 ma forward voltage @ i f =10ma v f 400 mv repetitive peak forward current i frm 300 ma non repetitive forward current t<1s i fsm 600 ma power dissipation at t amb =25c p tot 330 mw storage temperature range t stg -55 to +150 c junctiontemperature t j 125 c electrical characteristics (at t amb = 25c unless otherwise stated). parameter symbol min. typ. max. unit conditions. reverse breakdown voltage v (br)r 30 50 v i r =10 m a forward voltage v f 135 200 280 350 530 240 320 400 500 1000 mv mv mv mv mv i f =0.1ma i f =1ma i f =10ma i f =30ma i f =100ma reverse current i r 2.5 4 m a v r =25v diode capacitance c d 7.5 10 pf f=1mhz,v r =1v reverse recover time t rr 5nsswitched from i f =10ma to i r =10ma r l =100 w , measured at i r =1ma dual device; for simultaneous continuous use t j =100c. 3 2 1 3 2 1 2 3 1 3 1 bat54 series 1 3 2 bat54 BAT54A bat54s bat54c device type single common anode series common cathode pin configuration l4z l42 l44 l43 partmarking detail 30 10 20 0 +125c +85c ta - ambient temperature ( c) pd v ta characteristics 0 90 180 270 330 ct v vr characteristics 0 5 10 15 0 50 100 150 forward voltage v f (v) if v vf characteristics 0 0.6 0.3 +125c 10 m 100 m 1m 10m 100m 1 0.9 +85c +25c 0.15 0.45 0.75 10 m 100 m 10m 1m reverse voltage v r (v) i r v v r characteristics reverse voltage vr (v) 020 10 30 1 m +25c typical characteristics bat54 series 3 - 4 3 - 5
sot23 silicon epitaxial schottky barrier diodes issue 1? september 1995 j features : low v f & high current capability applications : psu, mobile telecomms & scsi absolute maximum ratings. parameter symbol value unit continuous reverse voltage v r 30 v forward current i f 200 ma forward voltage @ i f =10ma v f 400 mv repetitive peak forward current i frm 300 ma non repetitive forward current t<1s i fsm 600 ma power dissipation at t amb =25c p tot 330 mw storage temperature range t stg -55 to +150 c junctiontemperature t j 125 c electrical characteristics (at t amb = 25c unless otherwise stated). parameter symbol min. typ. max. unit conditions. reverse breakdown voltage v (br)r 30 50 v i r =10 m a forward voltage v f 135 200 280 350 530 240 320 400 500 1000 mv mv mv mv mv i f =0.1ma i f =1ma i f =10ma i f =30ma i f =100ma reverse current i r 2.5 4 m a v r =25v diode capacitance c d 7.5 10 pf f=1mhz,v r =1v reverse recover time t rr 5nsswitched from i f =10ma to i r =10ma r l =100 w , measured at i r =1ma dual device; for simultaneous continuous use t j =100c. 3 2 1 3 2 1 2 3 1 3 1 bat54 series 1 3 2 bat54 BAT54A bat54s bat54c device type single common anode series common cathode pin configuration l4z l42 l44 l43 partmarking detail 30 10 20 0 +125c +85c ta - ambient temperature ( c) pd v ta characteristics 0 90 180 270 330 ct v vr characteristics 0 5 10 15 0 50 100 150 forward voltage v f (v) if v vf characteristics 0 0.6 0.3 +125c 10 m 100 m 1m 10m 100m 1 0.9 +85c +25c 0.15 0.45 0.75 10 m 100 m 10m 1m reverse voltage v r (v) i r v v r characteristics reverse voltage vr (v) 020 10 30 1 m +25c typical characteristics bat54 series 3 - 4 3 - 5


▲Up To Search▲   

 
Price & Availability of BAT54A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X